PART |
Description |
Maker |
PMBT3906YS PMBT3906YS115 |
40 V, 200 mA PNP/PNP general-purpose double transistor 40 V, 200 mA PNP-PNP general-purpose double transistor 40 V, 200 mA PNP/PNP general-purpose double transistor; Package: SOT363 (SC-88); Container: Tape reel smd
|
NXP Semiconductors N.V.
|
BC856BS |
65 V, 100 mA PNP/PNP general-purpose transistor 65 V, 100 mA PNP-PNP general-purpose transistor 100 mA, 65 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
CD9012 CD9012J CD9012D CD9012E CD9012F CD9012G CD9 |
0.625W General Purpose PNP Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 278 - 465 hFE 0.625W General Purpose PNP Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 118 - 305 hFE 0.625W General Purpose PNP Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 64 - 135 hFE 0.625W General Purpose PNP Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 64 - 465 hFE PNP SILICON PLANAR TRANSISTOR
|
CDIL[Continental Device India Limited]
|
2N5193 2N5194 2N5195 |
Leaded Power Transistor General Purpose (2N5194 / 2N5195) PNP Silicon Transistor PNP SILICON TRANSISTOR GENERAL PURPOSE POWER
|
Central Semiconductor Corp
|
KTA1695 |
General Purpose Transistor EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO AND GRNERAL PURPOSE) 外延平面PNP晶体管(音频GRNERAL用途)
|
Korea Electronics (KEC) KEC Holdings
|
MSB709RT1 MSB709-RT1 ON2370 |
PNP General Purpose Amplifier Transistor Surface Mount 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
CMLT3946E CMLT3904E CMLT3906E |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc ENHANCED SPECIFICATION COMPLEMENTARY PICOmini SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp.
|
CSB1116 CSB1116A CSB1116G CSB1116L CSB1116Y |
0.750W General Purpose PNP Plastic Leaded Transistor. 50V Vceo, 1.000A Ic, 135 - 600 hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 60V Vceo, 1.000A Ic, 135 - 400 hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 60V Vceo, 1.000A Ic, 200 - 400 hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 60V Vceo, 1.000A Ic, 300 - 600 hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 60V Vceo, 1.000A Ic, 135 - 270 hFE
|
Continental Device India Limited
|
NST3906DXV6T5 NST3906DXV6T1 |
General Purpose PNP Transistor Dual General Purpose Transistor
|
ONSEMI[ON Semiconductor]
|
2N5087J18Z 2N5087TF 2N5087J61Z |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|